Part Number Hot Search : 
T138A T5100380 P4202 MC100B HRW0202B SC453 XRT84V24 SDH40F
Product Description
Full Text Search
 

To Download 406I35E50000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 406
3.5 x 6.0 mm Ceramic - SM Crystal
FEATURES:
* * * Surface Mount Ceramic base Weld Metal lid Package with 4 pads Stable frequency characteristics over temperature and drive level Packed in Embossed Carrier Tape & Reel for Automatic Handling (Standard 1,000 piece/reel compliant with EIA-481-2)
APPLICATIONS:
Surface mount 3.5 x 6.0mm x 1.2mm Max. crystal is ideal for application to high-density circuit boards with reliable precision & excellent shock performance in wireless telecommunications devices.
ELECTRICAL SPECIFICATIONS:
CTS Crystal Model Number Operating Mode of Oscillation & Cut Frequency Range Frequency Calibration Tolerance @ 25C Frequency Stability Tolerance
( Ref. to 25C readings over Operating Temperature Range )
406 Fundamental/3rd OT & AT-cut 10.0 to 50.0 MHz 30ppm Standard 50ppm Standard.
( Other tighter tolerances are available; See P/N System ). ( Other tighter tolerances are available; See P/N System ).
Operating Temperature Range Storage Temperature Range Drive Level Equivalent Series Resistance Maximum (ESR Max.) Resonance Mode (To be specified by customer) Surface Mount Temperature Reflow Condition Shunt Capacitance (C0)
-20C to +70C Standard.
( Extended -40C to +85C is available; See P/N System ).
-55C to +125C in a non-operating condition 25 w Typical & 100 w Maximum See ESR Table S for Series or Parallel with load capacitance 13Pf, 18Pf, 20Pf , Etc. ( See P/N System ). 255C 5C & 10 Sec. Max. 4.0 pF Max. ( 2.5 0.5 pF Typ.)
Document No. 008-0260-0 Page 1 of 4
CTS Communications Components, Inc. 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 Revision B Date: Nov. 21, 2003
Model 406
3.5 x 6.0 mm Ceramic - SM Crystal
ESR Table:
Frequency Range (MHz)
10.000 ~ 15.999 MHz 16.000 ~ 42.000 MHz 30.000 ~ 50.000 MHz
Mode of Oscillation
Fundamental Fundamental rd 3 OT
ESR Max. (Ohms)
60 40 80
PART NUMBERING SYSTEM for Ordering Information:
Model Number
406
ffMfffff
Frequency in MHz M - Indicates decimal point. Frequency shall be recorded with 5 significant digits minimum to the right of the "M".
Operating Temperature Range: C = -20C to +70C (Standard) I = -40C to +85C
Frequency Tolerance @ 25C 1 = 10 ppm 2 = 20 ppm 3 = 30 ppm (Standard)
Stability Tolerance over Operating Temperature Range (Referenced to 25C reading) 1 = 10 ppm ** 2 = 20 ppm 3 = 30 ppm 4 = 40 ppm 5 = 50 ppm (Standard) ** Limited to Standard Operating Temperature Range only, code C.
Load Capacitance A = 10 pF F= B = 13 pF G= C = 16 pF H= J= D = 18 pF E = 20 pF S=
24 pF 30 pF 32 pF 9 pF Series
Part Number Examples: 406C35A14M31818, 406I33H24M00000
Document No. 008-0260-0 Page 2 of 4
CTS Communications Components, Inc. 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 Revision B Date: Nov. 21, 2003
Model 406
3.5 x 6.0 mm Ceramic - SM Crystal
MECHANICAL SPECIFICATIONS:
4 Pad Terminations plated with 0.3 to 1.0 m gold (Au).
Suggested Pad Geometry
( 6.00 0.20 ) 0.236 0.008
Dimensions in Inches [MM] 0.075 [ 1.90 ]
0.055 [ 1.40 ]
4 ( 3.50 0.20 ) 0.138 0.008
3
0.094 [ 2.40 ]
CTS YWW * xxMxx
1
2
Top View ( 1.20 ) Max 0.047 Key: ( 3.0 ) 0.118 ( 1.5 ) 0.059 ( 1.0 ) 0.039 1 2 ( 1.50 ) 0.059 4 3 ( MM ) Inch
0.173 [ 4.40 ]
Bottom View
PRODUCT MARKING:
YWW xxMxx = = Date Code (last digit of year & week number) Frequency shall be marked with 2 significant digits to the right of the "M". (Customer specified codes maximum 6 characters can be marked instead of frequency)
QUALITY AND RELIABILITY:
* * Quality Systems meet or exceed the requirements of ISO 9000: 2000 standards. Reliability Audits are performed on this or similar products with results available upon request.
Document No. 008-0260-0 Page 3 of 4
CTS Communications Components, Inc. 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 Revision B Date: Nov. 21, 2003
Model 406
3.5 x 6.0 mm Ceramic - SM Crystal
ENVIRONMENTAL SPECIFICATIONS:
Storage Temperature Temperature Cycle: Mechanical Shock: Sinusoidal Vibration: Gross Leak: Fine Leak: Resistance to Soldering Heat: High Temperature Operating Bias: Frequency Aging: Insulation Resistance -55C to +125C in a non-operating condition & no degradation of performance following such exposure 400 cycles, -55C to +125C, 10 min dwell, 1 min transfer 1,500g's, 0.5mS, 1/2 sine wave, 3 shocks each direction, in 3 planes 0.06" D.A., 10 to 55 Hz and 20g's, 55 to 2,000 Hz, 3 cycles per plane No leak shall appear while immersed in an FC40 or equivalent liquid at 125C for 20 seconds Mass spectrometer leak rates less than 2x10 atm. cc/sec of Helium Product must survive 3 reflows of 260C peak, 10 seconds maximum 2,000 hours at 125C, disregarding frequency shift 5 ppm shift in 1,000 hours at 85C 500 M @ 100 15VDC
-8
TAPE AND REEL PACKAGING INFORMATION:
Standard packaging quantity shall be 1,000 pieces on a 180mm reel compliant with Standard EIA-481-2
O13.5 4.0 8.0 O1.50 1.73 120
5.50 6.40 12.0
O60
O180
3.91 O21.4 DIRECTION OF FEED Dimensions in Millimeters
Document No. 008-0260-0 Page 4 of 4
CTS Communications Components, Inc. 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 Revision B Date: Nov. 21, 2003


▲Up To Search▲   

 
Price & Availability of 406I35E50000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X